PART |
Description |
Maker |
LTC2172-12 |
(LTC217x-12) 65Msps/40Msps/ 25Msps Low Power Quad ADCs
|
Linear Technology
|
LTC2256CUJ-12PBF LTC2257CUJ-12TRPBF LTC2258CUJ-12T |
12-Bit, 25Msps Ultralow Power 1.8V ADCs 12-Bit, 40Msps Ultralow Power 1.8V ADCs 12-Bit, 65Msps Ultralow Power 1.8V ADCs
|
Linear Technology
|
LTC2246HLXPBF LTC2246H |
14-Bit, 25Msps 125C ADC In LQFP 14-Bit, 25Msps Low Power 3V ADCs 1-CH 14-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQFP48
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
LTC2288IUPPBF LTC2286IUPTRPBF LTC2286IUPPBF LTC228 |
Dual 10-Bit, 65Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C DUAL 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 10-Bit, 25Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C DUAL 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 10-Bit, 25Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C DUAL 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 10-Bit, 40Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C DUAL 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64
|
Linear Technology, Corp.
|
LTC2238 LTC2236 LTC2237 |
10-Bit, 65/40/25Msps Low Power 3V ADCs 10-Bit, 65/40/25Msps Low Noise 3V ADCs
|
Linear Technology
|
LTC2292CUPTRPBF LTC2291CUPPBF LTC2292IUPTRPBF |
Dual 12-Bit, 40Msps Low Power 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C DUAL 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 12-Bit, 25Msps Low Power 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C DUAL 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 12-Bit, 40Msps Low Power 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C DUAL 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64
|
Linear Technology, Corp.
|
LTC2202 LTC2202CUK LTC2202UK LTC2203 LTC2203IUK LT |
16-Bit, 25Msps/10Msps ADCs
|
Linear Technology
|
LTC2205-14 LTC2205CUK-14 LTC2205IUK-14 LTC2205UK-1 |
14-Bit, 65Msps ADC
|
Linear Technology
|
LTC2205UK-14 LTC2205-14 LTC2205IUK-14 LTC2205CUK-1 |
14-Bit, 65Msps ADC
|
Linear Technology Corporation
|
LTC2256-14 LTC2256CUJ-14-PBF LTC2256CUJ-14-TRPBF L |
14-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
|
Linear Technology
|
LTC1745 |
Low Noise,12-Bit, 25Msps ADC
|
Linear Technology
|
|